PART |
Description |
Maker |
CD137PX |
EC Screw 85∑C Long Lifetime 10.000h Highest Voltage at Compact Size(Screw)
|
JIANGHAI[Jianghai Europe GmbH]
|
OSW4XZE3E1E |
Xeon 3 Power Pure White LED Long Lifetime Operation Highest Luminous Flux
|
OptoSupply International
|
CD281LL |
EC Radial 105∑C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
|
Jianghai Europe GmbH
|
CD261LK |
EC 105∑C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD29HQH |
EC Snap-In 105∑C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
南通江海电容器股份有限公司
|
EKS |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product, Small Dimensions, Long Lifetime, Extended Temp Range (105°C)
|
Vishay
|
7972/6.3X32 7972/4.8X80 7972/5.5X13 7972/5.5X45 79 |
SCREW SS ST 4.8X80 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X13 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X45 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X50 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X55 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X60 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 5.5X70 BX100 Inhalt pro Packung: 100 Stk. 2-wire serial temp sensor, -55C to 125C, 5-SOT-23, T/R SCREW SS ST 6.3X16 BX100 Inhalt pro Packung: 100 Stk. 6-Pin, 8-Bit Flash Microcontrollers, -40C to 125C, 6-SOT-23, BAG 6-Pin, 8-Bit Flash Microcontrollers, -40C to 125C, 8-PDIP , TUBE 6-Pin, 8-Bit Flash Microcontrollers, -40C to 85C, 6-SOT-23, T/R 6-Pin, 8-Bit Flash Microcontrollers, -40C to 125C, 6-SOT-23, T/R 6-Pin, 8-Bit Flash Microcontrollers, -40C to 85C, 6-SOT-23, BAG 8 Pin, 384 B Std Flash, 16 RAM, 4 I/O, -40C to 85C, 8-DFN, TUBE 8 Pin, 768 Std Flash, 24 RAM, 4 I/O, -40C to 125C, 8-DFN, TUBE SCREW SS ST 4.8X70 BX100 Inhalt pro Packung: 100 Stk. SCREW SS ST 4.8X55 BX100 Inhalt pro Packung: 100 Stk. JEDEC DIGITAL TEMP SENSOR W/CRITICAL OUTPUT B GRADE ( /1 1 degC MAX), -40C to 125C, 8-TSSOP, TUBE JEDEC DIGITAL TEMP SENSOR W/CRITICAL OUTPUT B GRADE ( /- degC MAX), -40C to 125C, 8-DFN, TUBE 不锈钢螺丝圣5.5X22 BX100 Inhalt亲Packung00沙头角 6-Pin, 8-Bit Flash Microcontrollers, -40C to 85C, 8-PDIP , TUBE 不锈钢螺丝圣6.3X32 BX100 Inhalt亲Packung00沙头角 JEDEC DIGITAL TEMP SENSOR W/CRITICAL OUTPUT B GRADE ( /- degC MAX), -40C to 125C, 8-TSSOP, T/R 不锈钢螺丝圣5.5X38 BX100 Inhalt亲Packung00沙头角
|
MGE UPS Systems Stackpole Electronics, Inc. Ecliptek, Corp.
|
OSW4XAHEE1E |
Tops 200 (300) Power Pure White LED Long lifetime operation High-power LED
|
OptoSupply International
|
OSV5YL3131A |
3mm Round Violet LED 3mm Round Standard Directivity Long Lifetime Operation
|
OptoSupply International
|
OSW4XAHAE1E |
Tops 10 Power Pure White LED Long lifetime operation High-power LED
|
OptoSupply International
|
EKC |
Aluminum Electrolytic Capacitors, Radial Style, Extremely Long Lifetime, Extended Temperature Range, Very High AC Rating, Polarized AI Electrolytic Capacitor, High C-U Product, Small Dimensions
|
Vishay
|
3188GF124U040DPA1 3188FE224U016DPA1 3188BC393U016A |
85 °C Long Life Screw Terminal Type 85 °C Long Life Screw Terminal Type
|
Cornell Dubilier Electr...
|
|